PART |
Description |
Maker |
CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
SMCJ1.5KE8.2A SMCJ1.5KE8.2CA SMCJ1.5KE82A SMCJ1.5K |
Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Components
|
1N60 1N6072A 1N6036 1N6036A 1N6037 1N6037A 1N6038 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors SMSTB 2,5/22-G-5,08 MSTBA 2,5/ 4-G-LA SMSTBA 2,5/18-G SMSTBA 2,5/ 3-G MSTBA 2,5/12-G-LA MSTBA 2,5/16-G-LA
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
1N6053 1N6040 1N6059 1N6059A 1N6060 1N6060A 1N6058 |
From old datasheet system MSTBA 2,5/18-G-LA MSTBA 2,5/ 3-G-LA SMSTB 2,5/20-G-5,08 BIDIRECTIONAL TRANSIENT ABSORPTION ZENER 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA SMSTB 2,5/24-G-5,08
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
1N6061B |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
CRYDOM CORP
|
MSP6139 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
MPT-8C |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13
|
|
SMCJ36A SMCJ5V0A SMCJ5V0CA SMCJ6V5A SMCJ26A SMCJ12 |
1500 Watt Transient Voltage Suppressors Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Clocked 'D' Latch 16-CDIP -55 to 125
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
1.5SMC180CA-E3/51T 1.5SMC33A-E3/59T |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
VISHAY SEMICONDUCTORS
|
1.5CE100CABK 1.5CE160ATR 1.5CE350CATR 1.5CE300CATR |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
CENTRAL SEMICONDUCTOR CORP
|
1.5KE18A-TP 1.5KE91A-TP 1.5KE51CA-TP 1.5KE100-TP 1 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE
|
MICRO COMMERCIAL COMPONENTS
|
|